Part Number Hot Search : 
SIS780DN 20KW120A SMA33 0ETTTS SI102 M3E26ZPA 2SB1086 SY100ELT
Product Description
Full Text Search
 

To Download TSM4ZL502KR10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tsm4 www.vishay.com vishay sfernice revision: 20-jun-13 1 document number: 51009 for technical questions, contact: sfer@vishay.com , see also application note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 5 mm square surface mount miniature trimmers multi-turn cermet sealed the tsm4 trimming potentiome ter has been designed for surface mount applications and of fers volumetric efficiency 5 mm x 5 mm x 3.7 mm with high performance and stability. the tsm4 design is suitable for both manual or automatic operation, and can withstan d vapor phase and reflow soldering techniques. features ? 0.25 w at 70 c ? professional and industrial grade ? wide ohmic range (10 to 1 m ) ? low contact resistance variation (2 % or 3 ) ? small size for optimum packaging density ? tests according to cecc 41000 or iec 60393-1 ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 dimensions in millimeters ( 0.5 mm) tsm4 yl tsm4 yj tsm4 zl tsm4 zj recommended soldering areas 4.8 5.3 1 0.2 1.25 1.25 12 3 3 leads 0.6 x 0.15 5.1 3.5 1.3 ? 1.5 slot 0.5 x 0.4 5.1 4.8 5.3 1 0.2 1.25 1.25 12 3 3 leads 0.6 x 0.15 3.8 3.5 0.7 ? 1.5 slot 0.5 x 0.4 5.1 0.7 0.7 6.2 0.2 1.25 1 1.25 1 2 3 3 leads 0.6 x 0.15 3.5 4.8 2.3 min. 2.7 ? 1.5 slot 0.5 x 0.4 4.6 3.7 0.2 1.25 1 1.25 1 2 3 3 leads 0.6 x 0.15 0.8 3.5 4.8 1.2 min. 2.7 ? 1.5 slot 0.5 x 0.4 4.6 3.7 5.1 max. 1.8 1.3 3.8 2.54 2 2 1.8 1.3 2.9 2.54 1.6 1.6 1.8 1.3 5.3 2.3 1.6 2.3 1.8 1.3 4 2.3 2 2
tsm4 www.vishay.com vishay sfernice revision: 20-jun-13 2 document number: 51009 for technical questions, contact: sfer@vishay.com , see also application note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 electrical specifications resistive element cermet electrical travel 11 turns 2 resistance range 10 to 1 m standard series 1 - 2 - 5 tolerance standard 10 % power rating linear 0.25 w at + 70 c circuit diagram temperature coefficient see standard resistance element table limiting element volt age (linear law) 200 v contact resistance variation (typical) 2 % or 3 end resistance (typical) 1 dielectric strength (rms) 600 v insulation resistance (500 v dc )10 6 m mechanical specifications mechanical travel 13 turns 2 operating torque (max. ncm) 1 end stop torque (ncm) clutch action (2 turns max.) unit weight (max. g) 0.15 wiper (actual travel) positioned at approx. 50 % environmental specifications temperature range - 55 c to + 125 c climatic category 55/125/56 sealing sealed container ip67 msl level 1 soldering recommendations recommended reflow profile 2, see application note www.vishay.com/doc?52029 0.25 0.125 0 0 155 ambient temperature in c rated power in w 50 70 100 a (1) b (2) c (3) cw
tsm4 www.vishay.com vishay sfernice revision: 20-jun-13 3 document number: 51009 for technical questions, contact: sfer@vishay.com , see also application note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 performances tests conditions typical values and drifts r t / r t r 1-2 / r 1-2 other electrical endurance 1000 h at rated power 90'/30' - ambient temp. + 70 c 2 % 3 % contact res. variation: < 1 % rn climatic sequence phase a dry heat 125 c phase b damp heat phase c cold - 55 c phase d damp heat 5 cycles 2 % 3 % dielectric strength: 600 v rms insulation resistance: > 10 4 m damp heat, steady state temperature 40 c - rh 93 % 56 days 2 % 3 % dielectric strength: 600 v rms insulation resistance: > 10 4 m charge of temperature - 55 c to + 125 c 5 cycles 1 % v 1-2 / v 1-3 2 % mechanical endurance 100 cycles - rated power (3 % + 3 ) shock 50 g - 11 ms 3 successive shocks in 3 directions 1 % v 1-2 / v 1-3 1 % vibration 10 hz to 55 hz 0.75 mm or 10 g - 6 h 1 % v 1-2 / v 1-3 1 % standard resistance element data standard resistance values linear law typical tcr - 55 c + 125 c max. power at 70 c max. working voltage max. current through element w v ma ppm/c 10 0.25 1.58 158 100 20 0.25 2.23 112 50 0.25 3.53 77 100 0.25 5.00 50 200 0.25 7.07 35 500 0.25 11.2 22 1k 0.25 15.8 15.8 2k 0.25 22.3 11.2 5k 0.25 35.3 7.1 10k 0.25 50.0 5.0 20k 0.25 70.7 3.5 50k 0.25 112 2.2 100k 0.25 158 1.6 200k 0.25 200 1.0 500k 0.08 200 0.4 1m 0.04 200 0.2 marking vishay trademark, ohmic value, manufacturing date the ohmic value is indicated by a 3 figure code, the first tw o are significant figures, the third one is the multiplier. example: 100 = 10 101 = 100 102 = 1000 503 = 50 000
tsm4 www.vishay.com vishay sfernice revision: 20-jun-13 4 document number: 51009 for technical questions, contact: sfer@vishay.com , see also application note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 packaging in millimeters on tape and reel, by 500 pieces for z version: co de tr500, or 250 pieces for y version: code tr250. in bulk on request (plastic box of 50 pieces): code bo50. version y version z ordering information (part number) model style ohmic value tolerance packaging special number tsm4 yj yl zj zl from 10 to 1 m 504 = 500 k k = 10 % r10 = reel 500 pieces for zj and zl r05 = reel 250 pieces for yj and yl on request b25 = box of 50 pieces (if applicable) given by vishay for custom design description (for information only) tsm4 yl 500k 10 % tr e3 model style value tolerance special packaging lead (pb)-free ? 178 ? 23 ? 12.7 ? 70 13 2 12 4 2 ? 1.5 12 7.25 1.75 6.46 5.5 0.3 3.95 0.3 2 4 6.07 8 ? 1.5 1.75 7.25 12 05 50 k 4r l m4 y s t
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of TSM4ZL502KR10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X